Part Number Hot Search : 
FL4105 A105M BR3050 SMLJ22A 656O25P PE9300 RUE300 0N06S
Product Description
Full Text Search
 

To Download TIC226 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tic22 6 se ries silicon triacs 1 apri l 197 1 - r evi sed sep tem be r 2002 spe cification s ar e subjec t t o ch ang e withou t notice. 8 a rms glas s p ass iv ate d wa fer 400 v t o 800 v off-s tate voltage max i gt of 50 ma (q uadran ts 1 - 3) absolute maximu m rati ng s over op erati ng case temperat ure (un less otherwise no ted) notes: 1. these values apply bidirectiona ll y for any value o f resistance bet ween the ga te an d main terminal 1. 2. thi s value ap plie s for 50-hz full-sine-wave operation with resistive load . abo ve 85 c derate linearly to 110 c case t emperature at the rate o f 320 ma / c. 3. this valu e ap plie s for one 5 0-h z full-sine-wa ve whe n the d evice i s op erat ing at (or b el ow) t he rat ed value of on- state curr en t. surge ma y be repeat ed aft er the devi ce has ret ur ned to origi nal thermal equili bri um. d uri ng th e s urge , gate contro l ma y be lost. 4. thi s valu e applies fo r a m axi mum aver agi ng tim e o f 2 0 ms. rating symbol value un it repetiti ve pea k o ff -stat e vo ltage (see not e 1) TIC226d TIC226m ti c226s TIC226n v drm 400 600 700 800 v full-cycl e rms on-stat e curren t a t (or below) 85 c cas e temperature (see not e 2) i t(rms) 8 a peak on-stat e surg e current fu ll -sine-w ave a t (or be lo w) 25 c cas e temperatur e (see not e 3) i tsm 70 a peak gate current i gm 1 a peak gate po wer dissi pa tion a t (or be lo w) 85 c case temperatur e (puls e width 200 s) p gm 2.2 w averag e gat e po wer dissipat ion at (or below) 85c case tem pera ture (s ee n ote 4) p g(av) 0.9 w operatin g cas e tem pe rature range t c -40 t o +110 c storage temperatur e range t stg -40 t o +125 c lea d te mp erature 1.6 m m fr om case for 10 secon ds t l 230 c electrica l characteristics at 25c case tem peratu re (unless ot herwis e noted ) p ara meter tes t cond iti ons min ty p max un it i drm r ep etitiv e pe ak o ff -state current v d = rated v drm i g = 0 t c = 110c 2 ma i gt gat e trigger current v su pp ly = +1 2 v? v su pp ly = +1 2 v? v su pp ly = -1 2 v? v su pp ly = -1 2 v? r l = 10 r l = 10 r l = 10 r l = 10 t p(g) > 20 s t p(g) > 20 s t p(g) > 20 s t p(g) > 20 s 6 -12 -10 25 50 -50 -50 ma v gt gat e trigger voltage v su pp ly = +1 2 v? v su pp ly = +1 2 v? v su pp ly = -1 2 v? v su pp ly = -1 2 v? r l = 10 r l = 10 r l = 10 r l = 10 t p(g) > 20 s t p(g) > 20 s t p(g) > 20 s t p(g) > 20 s 0.7 -0.8 -0.8 0.9 2 -2 -2 2 v v t on-stat e volt ag e i t = 12 a i g = 5 0 ma (se e not e 5) 1.5 2.1 v ? al l voltag es ar e with re sp ec t to ma in termina l 1. mt1 mt2 g to-2 20 packa ge (t op vi ew) pi n 2 is in electrical contac t wi th t he m ou nti ng bas e. m dc 2aca 1 2 3 this series is currently available, but not recommended for new designs.
TIC226 series silicon triacs 2  
  april 1971 - revised september 2002 specifications are subject to change without notice. ? all voltages are with respect to main terminal 1. notes: 5. this parameter must be measured using pulse techniques, t p = 1 ms, duty cycle 2 %. voltage-sensing contacts separate from the current carrying contacts are located within 3.2 mm from the device body. 6. the triacs are triggered by a 15-v (open-circuit amplitude) pulse supplied by a generator with the following characteristics: r g = 100 ? , t p(g) = 20 s, t r = 15 ns, f = 1 khz. i h holding current v supply = +12 v? v supply = -12 v? i g = 0 i g = 0 init? i tm = 100 ma init? i tm = -100 ma 10 -6 30 -30 ma i l latching current v supply = +12 v? v supply = -12 v? (see note 6) 50 -50 ma dv/dt critical rate of rise of off-state voltage v drm = rated v drm i g = 0 t c = 110c 100 v/s dv/dt (c) critical rise of commu- tation voltage v drm = rated v drm i trm = 12 a t c = 85c (see figure 7) 5 v/s thermal characteristics parameter min typ max unit r jc junction to case thermal resistance 1.8 c/w r ja junction to free air thermal resist ance 62.5 c/w typical characteristics figure 1. figure 2. electrical characteristics at 25c case temperature (unless otherwise noted) (continued) parameter test conditions min typ max unit gate trigger current t c - case temperature - c -60 -40 -20 0 20 40 60 80 100 120 i gt - gate trigger current - ma 1 10 100 1000 tc01aa case temperature vs v aa = 12 v r l = 10 ? t p(g) = 20 s v supply i gtm + + + - - - - + gate trigger voltage t c - case temperature - c -60 -40 -20 0 20 40 60 80 100 120 v gt - gate trigger voltage - v 01 1 10 tc01ab case temperature vs v aa = 12 v r l = 10 ? t p(g) = 20 s v supply i gtm + + + - - - - + }
TIC226 series silicon triacs 3  
  april 1971 - revised september 2002 specifications are subject to change without notice. typical characteristics figure 3. figure 4. thermal information figure 5. figure 6. holding current t c - case temperature - c -60 -40 -20 0 20 40 60 80 100 120 i h - holding current - ma 01 1 10 100 1000 tc01ad case temperature vs v supply + - v aa = 12 v i g = 0 initiating i tm = 100 ma latching current t c - case temperature - c -60 -40 -20 0 20 40 60 80 100 120 i l - latching current - ma 1 10 100 1000 tc01ae case temperature vs v aa = 12 v v supply i gtm + + + - - - - + max rms on-state current t c - case temperature - c 0 255075100125 i t(rms) - maximum on-state current - a 0 1 2 3 4 5 6 7 8 9 10 ti01ab case temperature vs max average power dissipated i t(rms) - rms on-state current - a 0246810121416 p (av) - maximum average power dissipated - w 0 4 8 12 16 20 24 28 32 ti01ac rms on-state current vs conduction angle = 360 above 8 a rms t j = 110 c see i tsm figure
TIC226 series silicon triacs 4  
  april 1971 - revised september 2002 specifications are subject to change without notice. parameter measurement information figure 7. v ac v mt2 i mt2 dut see note a r g c1 r1 i g v ac i mt2 v mt2 i g i trm dv/dt 10% 63% l1 v drm 50 hz pmc2aa note a: the gate-current pulse is furnished by a trigger circuit which presents essentially an open circuit between pulses. the pulse is timed so that the off-state-voltage duration is approximately 800 s.


▲Up To Search▲   

 
Price & Availability of TIC226

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X